PART |
Description |
Maker |
B65816-N1012-D1 B65815 B65815-E1000-J41 B65815-E16 |
RM 12 In accordance with IEC 60431
|
EPCOS AG EPCOS[EPCOS]
|
AT7908E09 5962-03A0601QXC 5962-03A0601VXC AT7908E- |
Designed in Accordance with CAN Specification 2.0B CAN Controller for Space Application
|
ATMEL Corporation
|
SXA-86SMX09 |
High temperature solder exemption - In accordance with RoHS 2002/95/EC Annex7
|
AEL Crystals Ltd
|
PEH534 |
IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
|
Kemet Corporation
|
PEH532 |
IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
|
Kemet Corporation
|
ARM6-4102 |
Made with UL Approved Materials
|
Allied Components Inter...
|
200D202D |
Wet Tantalum Capacitors, Wet Sintered Anode Components, Capacitor Assemblies, Type 202D Designed to Meet the Performance and Marking Requirements of Military Style CL55 in Accordance with MIL-DTL-3965
|
Vishay
|
BD-F523RD |
yellow chips, which are made from GaAsP on GaP substrate.
|
BRIGHT LED ELECTRONICS CORP
|
BM-11K88MD-A |
super yellow chips, which are made from AlGaInP on GaAs substrate
|
BRIGHT LED ELECTRONICS CORP
|
BD-E324RD |
hi-eff red chips, which are made from GaAsP on GaP substrate
|
BRIGHT LED ELECTRONICS CORP
|
BD-A406ND |
super red chips, which are made from AlGaAs on GaAs substrate
|
BRIGHT LED ELECTRONICS CORP
|
BD-F406RD |
super red chips, which are made from AlGaAs on GaAs substrate
|
BRIGHT LED ELECTRONICS CORP
|